Part Number Hot Search : 
B1505 01524 TAN150 05S12 2SD20 C5750 2SK97 PJ324
Product Description
Full Text Search
 

To Download 1N5919B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5913B Series
3 W DO-41 SurmeticE 30 Zener Voltage Regulators
This is a complete series of 3 W Zener diodes with limits and excellent operating characteristics that reflect the superior capabilities of silicon-oxide passivated junctions. All this in an axial-lead, transfer-molded plastic package that offers protection in all common environmental conditions.
Specification Features:
http://onsemi.com
* * * * * *
Zener Voltage Range - 3.3 V to 200 V ESD Rating of Class 3 (>16 KV) per Human Body Model Surge Rating of 98 W @ 1 ms Maximum Limits Guaranteed on up to Six Electrical Parameters Package No Larger than the Conventional 1 W Package These devices are manufactured with a Pb-Free external lead finish only.*
Cathode
Anode
AXIAL LEAD CASE 59 PLASTIC STYLE 1
Mechanical Characteristics: CASE: Void free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are
MARKING DIAGRAM
L 1N59 xxB YYWW
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
260C, 1/16 from the case for 10 seconds POLARITY: Cathode indicated by polarity band MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating Max. Steady State Power Dissipation @ TL = 75C, Lead Length = 3/8 Derate above 75C Steady State Power Dissipation @ TA = 50C Derate above 50C Operating and Storage Temperature Range Symbol PD Value 3 24 PD 1 6.67 TJ, Tstg -65 to +200 Unit W mW/C W mW/C C 1N59xxBRL 1N59xxBRR1* 1N59xxBRR2** L 1N59xxB YY WW
= Assembly Location = Device Code = (See Table Next Page) = Year = Work Week
ORDERING INFORMATION
Device 1N59xxB Package Axial Lead (Pb-Free) Axial Lead (Pb-Free) Axial Lead Axial Lead Shipping 2000 Units/Box
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
6000/Tape & Reel 2000/Tape & Reel 2000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. * Polarity band up with cathode lead off first ** Polarity band down with cathode lead off first
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
1
February, 2005 - Rev. 3
Publication Order Number: 1N5913B/D
1N5913B Series
ELECTRICAL CHARACTERISTICS
(TL = 30C unless otherwise noted, VF = 1.5 V Max @ IF = 200 mAdc for all types) Symbol VZ IZT ZZT IZK ZZK IR VR IF VF IZM Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK Reverse Leakage Current @ VR Breakdown Voltage Forward Current Forward Voltage @ IF Maximum DC Zener Current VZ VR IR VF IZT V IF I
Zener Voltage Regulator
http://onsemi.com
2
1N5913B Series
ELECTRICAL CHARACTERISTICS (TL = 30C unless otherwise noted, VF = 1.5 V Max @ IF = 200 mAdc for all types)
Zener Voltage (Note 2) Device (Note 1) 1N5913B 1N5917B 1N5919B 1N5920B 1N5921B 1N5923B 1N5924B 1N5925B 1N5926B 1N5927B Device Marking 1N5913B 1N5917B 1N5919B 1N5920B 1N5921B 1N5923B 1N5924B 1N5925B 1N5926B 1N5927B VZ (Volts) Min 3.14 4.47 5.32 5.89 6.46 7.79 8.65 9.50 10.45 11.40 Nom 3.3 4.7 5.6 6.2 6.8 8.2 9.1 10 11 12 Max 3.47 4.94 5.88 6.51 7.14 8.61 9.56 10.50 11.55 12.60 @ IZT mA 113.6 79.8 66.9 60.5 55.1 45.7 41.2 37.5 34.1 31.2 Zener Impedance (Note 3) ZZT @ IZT W 10 5 2 2 2.5 3.5 4 4.5 5.5 6.5 ZZK @ IZK W 500 500 250 200 200 400 500 500 550 550 mA 1 1 1 1 1 0.5 0.5 0.25 0.25 0.25 Leakage Current IR @ VR A Max 100 5 5 5 5 5 5 5 1 1 Volts 1 1.5 3 4 5.2 6.5 7 8 8.4 9.1 IZM mA 454 319 267 241 220 182 164 150 136 125
1N5929B 1N5930B 1N5931B 1N5932B 1N5933B
1N5934B 1N5935B 1N5936B 1N5937B 1N5938B 1N5940B 1N5941B 1N5942B 1N5943B 1N5944B 1N5946B 1N5947B 1N5948B 1N5950B 1N5951B 1N5952B 1N5953B 1N5954B 1N5955B 1N5956B
1N5929B 1N5930B 1N5931B 1N5932B 1N5933B
1N5934B 1N5935B 1N5936B 1N5937B 1N5938B 1N5940B 1N5941B 1N5942B 1N5943B 1N5944B 1N5946B 1N5947B 1N5948B 1N5950B 1N5951B 1N5952B 1N5953B 1N5954B 1N5955B 1N5956B
14.25 15.20 17.10 19.00 20.90
22.80 25.65 28.50 31.35 34.20 40.85 44.65 48.45 53.20 58.90 71.25 77.90 86.45 104.5 114 123.5 142.5 152 171 190
15 16 18 20 22
24 27 30 33 36 43 47 51 56 62 75 82 91 110 120 130 150 160 180 200
15.75 16.80 18.90 21.00 23.10
25.20 28.35 31.50 34.65 37.80 45.15 49.35 53.55 58.80 65.10 78.75 86.10 95.55 115.5 126 136.5 157.5 168 189 210
25.0 23.4 20.8 18.7 17.0
15.6 13.9 12.5 11.4 10.4 8.7 8.0 7.3 6.7 6.0 5.0 4.6 4.1 3.4 3.1 2.9 2.5 2.3 2.1 1.9
9 10 12 14 17.5
19 23 28 33 38 53 67 70 86 100 140 160 200 300 380 450 600 700 900 1200
600 600 650 650 650
700 700 750 800 850 950 1000 1100 1300 1500 2000 2500 3000 4000 4500 5000 6000 6500 7000 8000
0.25 0.25 0.25 0.25 0.25
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
11.4 12.2 13.7 15.2 16.7
18.2 20.6 22.8 25.1 27.4 32.7 35.8 38.8 42.6 47.1 56 62.2 69.2 83.6 91.2 98.8 114 121.6 136.8 152
100 93 83 75 68
62 55 50 45 41 34 31 29 26 24 20 18 16 13 12 11 10 9 8 7
1. TOLERANCE AND TYPE NUMBER DESIGNATION Tolerance designation - device tolerance of 5% are indicated by a "B" suffix. 2. ZENER VOLTAGE (VZ) MEASUREMENT ON Semiconductor guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30C 1C, 3/8 from the diode body. 3. ZENER IMPEDANCE (ZZ) DERIVATION The zener impedance is derived from 60 seconds AC voltage, which results when an AC current having an rms value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
http://onsemi.com
3
1N5913B Series
PD, STEADY STATE DISSIPATION (WATTS) 5 L = 1/8 4 3 L = 3/8 L = LEAD LENGTH TO HEAT SINK
2 1
L = 1
0
0
20
40
60 80 100 120 140 160 TL, LEAD TEMPERATURE (C)
180
200
Figure 1. Power Temperature Derating Curve
JL(t, D) TRANSIENT THERMAL RESISTANCE JUNCTION-TO-LEAD (C/W)
30 20 10 7 5 3 2 D =0.5 0.2 0.1 0.05 0.02 0.01 D=0 0.0005 0.001 0.002 0.005 NOTE: BELOW 0.1 SECOND, THERMAL RESPONSE CURVE IS APPLICABLE TO ANY LEAD LENGTH (L). 0.01 0.02 0.05 t, TIME (SECONDS) 0.1 0.2 PPK t2 DUTY CYCLE, D =t1/t2 t1
1 0.7 0.5
SINGLE PULSE TJL = JL (t)PPK REPETITIVE PULSES TJL = JL (t,D)PPK 0.5 1 2 5 10
0.3 0.0001 0.0002
Figure 2. Typical Thermal Response L, Lead Length = 3/8 Inch
1K PPK , PEAK SURGE POWER (WATTS) 500 300 200 100 50 30 20 10 0.1 0.2 0.3 0.5 1 23 5 10 PW, PULSE WIDTH (ms) 20 30 50 100 RECTANGULAR NONREPETITIVE WAVEFORM TJ = 25C PRIOR TO INITIAL PULSE 3 2 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 TA = 125C
IR , REVERSE LEAKAGE ( Adc) @ VR AS SPECIFIED IN ELEC. CHAR. TABLE
TA = 125C
0.002 0.001 0.0005 0.0003
1
2
5
10 20 50 100 NOMINAL VZ (VOLTS)
200
400
1000
Figure 3. Maximum Surge Power
Figure 4. Typical Reverse Leakage
http://onsemi.com
4
1N5913B Series
APPLICATION NOTE Since the actual voltage available from a given zener diode is temperature dependent, it is necessary to determine junction temperature under any set of operating conditions in order to calculate its value. The following procedure is recommended: Lead Temperature, TL, should be determined from:
TL = LA PD + TA
TJL is the increase in junction temperature above the lead temperature and may be found from Figure 2 for a train of power pulses (L = 3/8 inch) or from Figure 10 for dc power.
TJL = JL PD
LA is the lead-to-ambient thermal resistance (C/W) and PD is the power dissipation. The value for LA will vary and depends on the device mounting method. LA is generally 30-40C/W for the various clips and tie points in common use and for printed circuit board wiring. The temperature of the lead can also be measured using a thermocouple placed on the lead as close as possible to the tie point. The thermal mass connected to the tie point is normally large enough so that it will not significantly respond to heat surges generated in the diode as a result of pulsed operation once steady-state conditions are achieved. Using the measured value of TL, the junction temperature may be determined by:
TJ = TL + TJL
For worst-case design, using expected limits of IZ, limits of PD and the extremes of TJ (TJ) may be estimated. Changes in voltage, VZ, can then be found from:
V = VZ TJ
VZ, the zener voltage temperature coefficient, is found from Figures 5 and 6. Under high power-pulse operation, the zener voltage will vary with time and may also be affected significantly by the zener resistance. For best regulation, keep current excursions as low as possible. Data of Figure 2 should not be used to compute surge capability. Surge limitations are given in Figure 3. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure 3 be exceeded.
http://onsemi.com
5
1N5913B Series
TEMPERATURE COEFFICIENT RANGES
(90% of the Units are in the Ranges Indicated)
VZ, TEMPERATURE COEFFICIENT (mV/ C) @ I ZT 10 8 6 4 2 0 -2 -4 3 4 5 6 7 8 9 10 VZ, ZENER VOLTAGE @ IZT (VOLTS) 11 12 RANGE VZ, TEMPERATURE COEFFICIENT (mV/ C) @ I ZT 1000 500 200 100 50
20 10 10 20 50 100 200 400 VZ, ZENER VOLTAGE @ IZT (VOLTS) 1000
Figure 5. Units To 12 Volts
Figure 6. Units 10 To 400 Volts
ZENER VOLTAGE versus ZENER CURRENT
(Figures 7, 8 and 9)
100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 1 2 3 4 5 6 7 VZ, ZENER VOLTAGE (VOLTS) 8 9 10 100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 VZ, ZENER VOLTAGE (VOLTS) 80 90 100
IZ, ZENER CURRENT (mA)
Figure 7. VZ = 3.3 thru 10 Volts
JL, JUNCTION-TO-LEAD THERMAL RESISTANCE ( C/W) 10 5 IZ , ZENER CURRENT (mA) 80 70 60 50 40 30 20 10 0 0 1/8
IZ , ZENER CURRENT (mA)
Figure 8. VZ = 12 thru 82 Volts
2 1 0.5 0.2 0.1 100 150 200 250 300 350 VZ, ZENER VOLTAGE (VOLTS) 400
L
L
TL PRIMARY PATH OF CONDUCTION IS THROUGH THE CATHODE LEAD 1/4 3/8 1/2 5/8 3/4 L, LEAD LENGTH TO HEAT SINK (INCH) 7/8 1
Figure 9. VZ = 100 thru 400 Volts
Figure 10. Typical Thermal Resistance
http://onsemi.com
6
1N5913B Series
PACKAGE DIMENSIONS
AXIAL LEAD CASE 59-10 ISSUE U
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. ALL RULES AND NOTES ASSOCIATED WITH JEDEC DO-41 OUTLINE SHALL APPLY 4. POLARITY DENOTED BY CATHODE BAND. 5. LEAD DIAMETER NOT CONTROLLED WITHIN F DIMENSION.
K F
D
A
POLARITY INDICATOR OPTIONAL AS NEEDED (SEE STYLES)
F K
DIM A B D F K
INCHES MIN MAX 0.161 0.205 0.079 0.106 0.028 0.034 --- 0.050 1.000 ---
MILLIMETERS MIN MAX 4.10 5.20 2.00 2.70 0.71 0.86 --- 1.27 25.40 ---
STYLE 1: PIN 1. CATHODE (POLARITY BAND) 2. ANODE
http://onsemi.com
7
1N5913B Series
SURMETIC is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
1N5913B/D


▲Up To Search▲   

 
Price & Availability of 1N5919B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X